PART |
Description |
Maker |
0423014 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0424039 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0424026 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0441083 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
ULTRONIX |
Temperature Sensitive, Large (Delta R)/(Delta T), Fast Thermal Transition, Physical Configurations to your Specifications, Excellent Repeatability
|
Vishay
|
SK5FORTL.ZAHLEN-0804183 SK3FORTL.ZAHLEN-0804183 SK |
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
|
PHOENIX CONTACT
|
DS46 LXHL-LB3C LXHL-LE3C LXHL-LM3C LXHL-LR3C LXHL- |
power light source LUXEON? III Star power light source LUXEON垄莽 III Star power light source LUXEON㈢ III Star
|
Lumileds Lighting Company
|
2750646 |
INTERBUS-ST digital output module, 16 outputs, 24 V DC, 500 mA, 3-wire connection method, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
|
PHOENIX CONTACT
|
AD7723BS-REEL AD7723BSZ AD7723BSZ1 AD7723BSZ-REEL1 |
16-Bit, 1.2 MSPS, CMOS Sigma-Delta ADC; Package: MQFP (13.90mm wide); No of Pins: 44; Temperature Range: Industrial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL/PARALLEL ACCESS, PQFP44 16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
|
Analog Devices, Inc.
|
LTC2408 LTC2404 |
4-/8-Channel 24-Bit PowerNo Latency Delta-SigmaADC 4-/8-Channel 24-Bit µPowerNo Latency Delta-Sigma ADC 4-Ch, 4ppm INL, 1.5uV Noise, No Latency Delta Sigma 8-Ch, 4ppm INL, 1.5uV Noise, No Latency Delta Sigma
|
Linear Technology
|
|